PART |
Description |
Maker |
AN47 |
Getting more out of the ZXLD1350 - dimming techniques
|
ZETEX[Zetex Semiconductors]
|
AIF50B300 AIF120F300 AIF AIF80A300 AIF25H300 AIF12 |
Embedded Power for Business-Critical Continuity 600W Continuous power at 100°C baseplate temperature 600W Continuous power at 100∑C baseplate temperature 1-OUTPUT 600 W DC-DC REG PWR SUPPLY MODULE
|
Astec America, Inc Emerson Network Power
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ADN2817ADN2818 ADN2818ACP-RL ADN2818ACP-RL7 ADN281 |
Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC (With High Sensitivity Limiting Amp)
|
AD[Analog Devices] Analog Devices, Inc.
|
MEC5096 |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated Teledyne Technologies I...
|
MEC5203 |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated
|
41333 41333-2 41333-4 |
CONTINUOUS STRIP OR REEL
|
Tyco Electronics
|
MEC5208-D |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated
|
MEC5296-D |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated
|
MEC5415-D MEC5416-D |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5421-D |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
SP1484 |
3A Continuous Output Current
|
TY Semiconductor Co., L...
|